Part Number Hot Search : 
MP7528JN AX690 647180X PM0007 0257002 2SA1025 4069UB 91600
Product Description
Full Text Search
 

To Download GP1UD28YK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gp1ud26xk series/gp1ud27xk series gp1ud28xk series/GP1UD28YK series gp1ud26xk series/gp1ud27xk series/gp1ud28xk series/GP1UD28YK series outline dimensions 0.6 gp1ud26xk series ? unspecified tolerance: 0.3 ? * 1:the dimension of lead base v out v cc gnd detector center d26 7.3 1.6 0.5 3.4 *1 13.1 10.2 *1 2.54 2.54 *1 4 3.75 3.75 r1.9 2-0.5 2-0.4 2-0.75 0.6 5.2 3.6 marking 0.4 1.7 10.45 (9.7) 1.7 8.75 1.4 1.4 2.8 1.1 + 0.5 ? 0.3 1.2 1.2 2.54 2.54 (0.5) 0.8 recommended drilling as viewed from the soldering face. 1 2 3 1 2 3 gp1ud27xk series detector center d27 7.3 1.6 0.5 3.4 *1 13.1 10.2 *1 2.54 2.54 *1 4 3.75 3.75 r1.9 2-0.5 2-0.4 2-0.75 0.6 0.6 10.4 3.6 marking 0.4 1.7 10.45 (9.7) 1.7 8.75 1.4 1.4 2.8 1.1 + 0.5 ? 0.3 1.2 1.2 2.54 2.54 (0.5) 0.8 recommended drilling as viewed from the soldering face. v out v cc gnd 1 1 2 3 2 3 ? unspecified tolerance: 0.3 ? * 1:the dimension of lead base ? unspecified tolerance: 0.3 ? * 1:the dimension of lead base gp1ud28xk series detector center 7.3 1.6 0.5 3.4 *1 13.1 10.2 *1 2.54 2.54 *1 4 3.75 3.75 r1.9 2-0.5 2-0.4 2-0.75 0.6 0.6 14.4 3.6 marking 0.4 1.7 10.45 (9.7) 1.7 8.75 1.4 1.4 2.8 1.1 +0.5 ? 0.3 1.2 1.2 2.54 2.54 (0.5) 0.8 recommended drilling as viewed from the soldering face. v out v cc gnd 1 1 2 3 2 3 GP1UD28YK series 7.3 0.5 0.6 0.6 r1.9 0.5 *1 2.54 *1 2.54 2.54 2.54 1.2 1.2 3.75 3.75 3.65 1.95 1.7 1.7 0.8 recommended drilling as viewed from the soldering face. 0.4 1.6 3.7 1.4 1.4 5.4 6.8 1.6 4 marking 3.6 13 3.4 v out v cc gnd 1 1 2 3 2 3 ? unspecified tolerance: 0.3 ? * 1:the dimension of lead base d28 d28 energy saving type low dissipation current ir detecting unit for remote control 1. audio video equipment 2. home appliances features applications 1. low dissipation current:max.200 a (at v cc = 3v) (1/12 of conventional type) 2. wide operating voltage range (2.7 to 5.5v) 3. various attachment shape notice in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that may occ ur in equipment using any sharp devices shown in catalogs, data books, etc. contact sharp in order to obtain the latest device specification sheets before usin g any sharp device. internet internet address for electronic components group http://www.sharp.co.jp/ecg/ (unit : mm)
parameter conditions no input light *3 *3 i ol = 100 a *3 *3 min. ? v cc ? 0.5 ? 400 700 typ. ? ? ? ? ? max. ? 200 0.5 900 1 200 unit a v v s s dissipation current high level output voltage low level output voltage high level pulse width symbol i cc v oh t 1 v ol t 2 low level pulse width ?? *4 ? khz f o b.p.f. center frequency *3 the burst wave as shown in the following figure shall be transmitted by the transmitter shown in fig.2 the carrier frequency of the transmitter, however, shall be same as *4. measuring shall be from just after starting the transmi ssion until 50 pulse *4 the b.p.f. center frequency fo varies with model, as shown in model line-ups (unless otherwise specified, condition shall be ta=25?c, v cc =3v) gp1ud26xk series/gp1ud27xk series/gp1ud28xk series/GP1UD28YK series electro-optical characteristics gp1ud26xk gp1ud260xk gp1ud261xk gp1ud262xk gp1ud263xk gp1ud267xk gp1ud27xk gp1ud270xk gp1ud271xk gp1ud272xk gp1ud273xk gp1ud277xk gp1ud28xk gp1ud280xk gp1ud281xk gp1ud282xk gp1ud283xk gp1ud287xk GP1UD28YK gp1ud280yk gp1ud281yk gp1ud282yk gp1ud283yk gp1ud287yk model no. 40khz 36khz 38khz 36.7khz 32.75khz b.p.f. center 56.8khz model line-up burst wave 1 000 s 600 s f o =*4 khz duty 50% transmitter signal t 1 t 2 output signal absolute maximum ratings *1 no dew condensation is allowed *2 at mounting on pcb with thickness of 1.6mm parameter symbol rating unit supply voltage v cc v operating temperature t opr ? 10 to + 70 c 0 to + 6.0 *1 *2 storage temperature t stg ? 20 to + 70 c soldering temperature t sol 260 (5s) c (ta = 25 c) recommended operating conditions parameter symbol operating conditions unit v cc 2.7 to 5.5 v supply voltage
gp1ud26xk series/gp1ud27xk series/gp1ud28xk series/GP1UD28YK series fig.1 internal block diagram v out v cc gnd b.p.f. demodulator limiter amp integrator comparator typ. 100k ? fig.2 transmitter 20cm 10k ? + 5v 10 f pd49pi 10k ? v out oscilloscope transmitter ( gl521 used) f o = * 4 duty 50 % in the above figure, the transmitter should be set so that the output v out (peak-to-peak) can be 40m v however, the pd49pi to be used here should be of the short-circuit current i sc = 2.6 a at e v = 100 lx (e v is an illuminance by cie standard light source a (tungsten lamp).) performance using the transmitter shown in fig.2, the output signal of the light detecting unit is good enough to meet the following items in the standard optical system in fig.3. 1. linear reception distance characteristics when l=0.2 to 10.0m, *5 e v < 10 lx and = 0 ? in fig.3, the output signal shall meet the electrical characteristics in the attached list. 2. sensitivity angle reception distance characteristics when l=0.2 to 7.5m, *5 e v < 10 lx and ? 30 ? in fig.3, the output signal shall meet the electrical characteristics in the at tached list. 3. anti outer peripheral light reception distance characteristics when l=0.2 to 5.0m, *5,*6 e v 300 lx and = 0 ? in fig.3, the output signal shall meet the electrical characteristics in the at tached list. *5 it refers to detector face illuminance *6 outer peripheral light source: cie standard light source a shall be used and placed at 45 ? from perpendicular axis at the detector face center
gp1ud26xk series/gp1ud27xk series/gp1ud28xk series/GP1UD28YK series fig.3 standard optical system transmitter reception distance:l light detector face illuminance:e v ( indicates horizontal and vertical directions.) v out fig.5 sensitivity angle (horizontal direction) characteristics (typ.) (reference) fig.7 relative reception distance vs.ambient temperature (typ. ) (reference) fig.6 sensitivity angle (vertical direction) characteristics (typ.) (reference) 0 ? + 90 ? 100 relative reception distance (%) + 30 ? + 45 ? + 60 ? + 75 ? ? 90 ? ? 30 ? ? 45 ? ? 60 ? ? 75 ? ? 15 ? + 15 ? 80 60 40 20 v cc = 5v ta = 25 ? c relative communication distance (%) ambient temperature ( ? c) ? 20 0 20 40 60 80 100 120 ? 10 20 80 60 40 10 070 50 30 v cc = 3v unit nec standard transmitter relative comparison with reception distance at = 0 ? , e v <10lx and ta=25 ? c taken as 100% v cc = 5v 0 ? relative reception distance (%) + 90 ? + 30 ? + 45 ? + 60 ? + 75 ? ? 90 ? ? 30 ? ? 45 ? ? 60 ? ? 75 ? ? 15 ? + 15 ? 100 80 20 40 60 v cc = 5 v ta = 25 ? c fig.4 b.p.f.frequency characteristics (typ.) relative sensitivity (5db/div) carrier frequency (khz) 10 20 30 60 50 40
gp1ud26xk series/gp1ud27xk series/gp1ud28xk series/GP1UD28YK series fig.9 aeha (japan association of electrical home appliances) code pulse width characteristics (1st, bit) (typ.) (reference) (v cc =5v) fig.11 spectral sensitivity (reference) fig.10 dissipation current vs. supply voltage dissipation current i cc ( a) supply voltage v cc (v) 2 0 20 40 60 80 100 200 120 140 160 180 2.5 4 6 5 3.5 3 5.5 4.5 ta= rt = 0 ? e v <10 lx no input light 10 20 30 40 50 60 70 80 90 100 relative sensitivity (%) wavelength (nm) 700 800 900 1 000 1 100 1 200 pulse width ( s) receiving distance (m) 0 0 100 200 300 400 500 600 21014 8 6 412 unit 1st bit aeha code generating transmitter v cc = 5v, ta = rt, = 0 ? , e v < 10 lx, t = 420 s high level pulse width low level pulse width fig.8 aeha (japan association of electrical home appliances) code pulse width characteristics (1st bit) (typ.) (reference) (v cc =3v) pulse width ( s) receiving distance (m) 0 0 100 200 300 400 500 600 21014 8 6 412 unit 1st bit aeha code generating transmitter v cc = 3v, ta = rt, = 0 ? , e v < 10lx, t = 420 s high level pulse width low level pulse width
gp1ud26xk series/gp1ud27xk series/gp1ud28xk series/GP1UD28YK series 1. when this infrared remote control detecting unit shall be adopted for wireless remote control, please use it with the signal format of transmitter, which total duty ratio d t (emitting time n t n / transmitting time for 1 block t) is 40% or less. on signal time t on (pulse width of the presence of modulated ir) should be 250 s or more. in case that the signal format of total duty and on signal time is out of above conditions, there is a case that reception distance is much reduced or output is not appeared. 2. use the light emitting unit (remote control transmitter), in consideration of performance, characteristics, operating condit ions of light emitting device and the characteristics of the light detecting unit. 3. pay attention to a malfunction of the light detecting unit when the surface is stained with dust and refuse. care must be taken not to touch the light detector surface. if it should be dirty, wipe off such dust and refuse with soft cloth so as to prevent scratch. in case some solvents are requi red, use methyl alcohol, ethyl alcohol or isopropyl alcohol only. also, protect the light detecting unit against flux and others, since their deposition on the unit inside causes reduction of t he function, fading of markings such as the part number. 4. the shield case should be grounded on pcb pattern. (the area across the shield case and the gnd terminal is internally conductive in some cases and non-conductive in some other cases.) 5. do not apply unnecessary force to the terminal and the case. 6. do not push the light detector surface (photodiode) from outside. 7. to avoid the electrostatic breakdown of ic, handle the unit under the condition of grounding with human body, soldering iron , etc. 8. do not use hole and groove set in the case of the light detecting unit for other purposes, since they are required to mainta in the specified performance. 9. external circuit examples (mount the outer parts as near the unit as possible). 10. there is a possibility that noise on output may be caused by environmental condition (disturbing light noise, electromagnet ic noise, power supply line noise, etc.) even if there is no input transmission signal. 11. please shall confirm operation or your actual machine. because the output pulse width of this product is fluctuated by environmental conditions such as signal format, temperature, distance from transmitter, and so on. precautions for operation n = 1 in setting r 1 and c 1 , use suitable values after considering under the real condition gnd (circuit parameters) r 1 = 47 ? 5% c 1 = 47 f c o + v e v o gnd v cc v out r 1 t 1 t 2 t 3 t n t on transmitting time for 1 block:t d t =( t n / t) 100 (%) n n = 1
115 application circuits notice l the circuit application examples in this publication are provided to explain representative applications of sharp devices and are not intended to guarantee any circuit design or license any intellectual property rights. sharp takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of sharp's devices. l contact sharp in order to obtain the latest device specification sheets before using any sharp device. sharp reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. manufacturing locations are also subject to change without notice. l observe the following points when using any devices in this publication. sharp takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) the devices in this publication are designed for use in general electronic equipment designs such as: --- personal computers --- office automation equipment --- telecommunication equipment [terminal] --- test and measurement equipment --- industrial control --- audio visual equipment --- consumer electronics (ii)measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when sharp devices are used for or in connection with equipment that requires higher reliability such as: --- transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- traffic signals --- gas leakage sensor breakers --- alarm equipment --- various safety devices, etc. (iii)sharp devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- space applications --- telecommunication equipment [trunk lines] --- nuclear power control equipment --- medical and other life support equipment (e.g., scuba). l contact a sharp representative in advance when intending to use sharp devices for any "specific" applications other than those recommended by sharp or when it is unclear which category mentioned above controls the intended use. l if the sharp devices listed in this publication fall within the scope of strategic products described in the foreign exchange and foreign trade control law of japan, it is necessary to obtain approval to export such sharp devices. l this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. l contact and consult with a sharp representative if there are any questions about the contents of this publication.


▲Up To Search▲   

 
Price & Availability of GP1UD28YK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X